Part Number Hot Search : 
04G50ADR SS3144 CY7C138 0SR10MBC CPC30AC TX5000 APT1201 DDC1042
Product Description
Full Text Search
 

To Download 2SA1567 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1567
DESCRIPTION With TO-220F package Complement to type 2SC4064 Low collector-emitter saturation voltage APPLICATIONS For DC motor driver ,chopper regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -50 -50 -6 -12 -3 35 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-25mA; IB=0 IC=-6A;IB=-0.3 A VCB=-50V; IE=0 VEB=-6V; IC=0 IC=-6A ; VCE=-1V IE=0.5A ; VCE=-12V IE=0; VCB=-10V;f=1MHz 50 40 330 MIN -50 TYP.
2SA1567
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
MAX
UNIT V
-0.35 -100 -100 |I |I
V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-6A;RL=4| IB1=-IB2=-0.12A VCC=-24V 0.40 0.40 0.20 |I |I |I s s s
2
JMnic
Product Specificationn
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1567
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1567
4


▲Up To Search▲   

 
Price & Availability of 2SA1567

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X